Part Number Hot Search : 
T54FC SB2100 SD103 MPS2222 78422 TS512MCF 2SK879 N5414
Product Description
Full Text Search
 

To Download MC2836 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sot-23 plastic-encapsulate diodes MC2836 switching diode features z high speed switching z low capacitance marking:a41 maximum ratings @ta =25 parameter symbol limit unit non-repetitive peak reverse voltage v rm 75 v dc blocking voltage v r 50 v average rectified output current i o 150 ma power dissipation p d 150 mw junction temperature t j 150 storage temperature range t stg -55 ~ +150 electrical characteristics @ta =25 parameter symbol conditions min typ max unit v f1 i f =10ma 1.0 v v f2 i f =50ma 1.1 v v f3 i f =100ma 1.2 v forward voltage i r v r =50v 0.1 ua reverse recovery time t rr i f =10ma,v r =6v,r l =100 ? i rr =0.1*i r 4 ns capacitance between terminals c t v r =0,f=1mhz 4 pf sot-23 1 2 3 reverse current thermal resistance junction to ambient r ja 833 /w 1 of 2 4008-318-123 sales@twtysemi.com http://www.twtysemi.com product specification b,feb,2013
0 25 50 75 100 125 150 0 50 100 150 200 0.0 0.2 0.4 0.6 0.8 1.0 1.2 0.01 0.1 1 10 100 02 04 06 08 0 1 10 100 1000 0 5 10 15 20 0.8 0.9 1.0 1.1 1.2 forward characteristics reverse characteristics power derating curve power dissipation p d (mw) ambient temperature ta ( ) MC2836 typical characteristics t a = 1 0 0 t a = 2 5 forward current i f (ma) forward voltage v f (v) ta=100 ta=25 reverse current i r (na) reverse voltage v r (v) 30 3 0.3 0.03 300 30 3 ta=25 f=1mhz capacitance characteristics reverse voltage v r (v) capacitance between terminals c t (pf) 2 of 2 4008-318-123 sales@twtysemi.com http://www.twtysemi.com product specification b,feb,2013


▲Up To Search▲   

 
Price & Availability of MC2836

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X